PART |
Description |
Maker |
533-111-63 533-111-75 533-114-63 533-114-75 533-10 |
T-4 SINGLE COLOR LED, RED, 10 mm PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
511-503-76-15 511-532-77-15 511-532-76-15 511-532- |
PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting
|
http:// Marl International Limited
|
SKQYPCE010 SKQYABE010 SKQYAAE010 SKQYPAE010 SKQYAC |
6.1×3.7mm Compact High-speed Mounting(Surface Mount Type) 6.1隆驴3.7mm Compact High-speed Mounting(Surface Mount Type)
|
ALPS ELECTRIC CO.,LTD.
|
699-501-63 699-930-63 699-997-63 699-532-63 699-52 |
?12.7mm mounting Product will operate over a wide input voltage range
|
Marl International Limited
|
SMF6.5A SMF8.0A SMF24A SMF7.5A SMF40A |
Heat Sink; Package/Case:TO-220; Thermal Resistance:13.4 C/W; Mounting Type:Screw Mount; Length:12.7mm; Height:29.97mm; Width:23.93mm; Body Material Surface Mount ESD Protection Diodes 表面贴装ESD保护二极
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
PE7023-30 |
30 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
FM1020-T FM1030-T FM1040-T |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type DC-DC Converter; Supply Voltage:12V; Output Voltage:12V; Number of Outputs:1; Power Rating:1W; Mounting Type:PC Board Surface Mount; External Depth:6.6mm; External Width:7.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
美丽微半导体有限公司
|
669-503-04 669-509-04 669-512-04 |
?8.1mm mounting Unique hexagonal bezel to aid mounting to panel
|
Marl International Limited
|
G6K G6KU-2P-Y G6K-2F-Y G6K-2G G6K-2G-Y G6K-2P G6K- |
Surface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 表面安装继电器与世界上最小的安装面积的仅.2 mm高度
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
ATH22T05-9J ATH22T05-9S |
MOTOR, VIB,3V/60MA,7500RPM, 0.12OZ,1.1" LEADS,7MM DIA MOTOR, VIB,3V/60MA,6500RPM, 0.13OZ,4.7" LEADS,7MM DIA MOTOR, VIB,1.3V/70MA,7500RPM, 0.13OZ,4.7" LEADS,7MM DIA
|
Astec America, Inc
|
0707057 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 8, mounting: Direct mounting - DFK-MSTB 2,5/ 8-G-5,08
|
Phoenix Contact
|
0707316 |
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08 mm, no. of positions: 10, mounting: Direct mounting - DFK-MSTB 2,5/10-G-5,08
|
Phoenix Contact
|